Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 5 Page - Analog Devices

No. de pieza LTC6754ISC6#TRMPBF
Descripción Electrónicos  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 5 Page - Analog Devices

  LTC6754ISC6#TRMPBF Datasheet HTML 1Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 2Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 3Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 4Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 5Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 6Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 7Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 8Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC6754
5
6754f
For more information www.linear.com/LTC6754
elecTrical characTerisTics (VCCI = VCCO = 2.5V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCCI – VEE
Input Supply Voltage (Note 5)
l
2.4
5.25
V
VCCO – VEE
Output Supply Voltage (Note 5)
l
2.4
5.25
V
VCMR
Input Voltage Range (Note 7)
l
VEE – 0.2
VCCI + 0.1
VOS
Input Offset Voltage (Note 6)
l
–4.2
–7.5
±0.7
4.2
7.5
mV
mV
TCVOS
Input Offset Voltage Drift
l
18
µV/ºC
VHYST
Input Hysteresis Voltage (Note 5)
LE/HYST pin floating
4.9
mV
CIN
Input Capacitance
1.1
pF
RDM
Differential Mode Resistance
55
kΩ
RCM
Common Mode Resistance
6.5
MΩ
IB
Input Bias Current
VCM = VEE + 0.3V
l
–3.8
–4
–1.7
µA
μA
VCM = VCCI – 0.3V
l
0.5
1.3
2.3
µA
μA
IOS
Input Offset Current
l
–0.7
0.7
μA
CMRR_LVCM Common Mode Rejection Ratio,
Low VCM Region
VCM = VEE – 0.2V to VCCI – 1.5V
l
55
47
75
dB
dB
CMRR_FR
Common Mode Rejection Ratio (Measured at
Extreme Ends of VCMR)
VCM = VEE – 0.2V to VCCI+0.1V
l
55
45.7
72
dB
dB
PSRR
Power Supply Rejection Ratio
VCCI = VCCO Varied from
2.45V to 5.25V
l
62
59.5
80
dB
dB
AVOL
Open Loop Gain
Hysteresis Removed (Note 10)
53
dB
VOD
Differential Output Voltage
l
260
345
420
mV
ΔVOD
Difference in VOD Between Complementary
Output States
l
–15
±5
15
mV
VOCM
Output Common Mode Voltage
l
1.18
1.25
1.31
V
ΔVOCM
Difference in VOCM Between Complementary
Output States
l
–10
±1.8
10
mV
ISC_VEE
Short Circuit Current, through Either Output, both
Outputs Connected to VEE
l
15.5
mA
ISC_OUT_SHORT Output Current, Complementary Outputs Shorted
l
5
mA
IVCCI
Input Stage Supply Current, Device On
Comparator On,
Input Section Supply Current
l
2.2
2.65
2.9
mA
mA
IVCCO
Output Stage Supply Current, Device On
Comparator On, Output Section Supply
Current
l
10.4
11.5
11.7
mA
mA
IVCC
Total Supply Current, Device On
Comparator On, Single Supply Pin Version,
l
12.5
14.15
14.6
mA
mA
tR, tF
Rise/Fall Time
20% to 80%
0.8
ns
tPD
Propagation Delay (Note 8)
VOVERDRIVE = 50mV
l
2
2.9
3.0
ns
ns
tSKEW_RISEFALL Propagation Delay Skew, Rising to Falling Transition
50
ps
tSKEW_COMP
Propagation Delay Skew, Q to Q
40
ps
tOD_DISP
Overdrive Dispersion
Overdrive Varied from 10mV to 125mV
1.1
ns
tCM_DISP
Common Mode Dispersion
VCM Varied from VEE – 0.2V to VCCI + 0.1V
200
ps
TR
Toggle Rate
VIN= 200mVP–P Sine Wave, 50% Output Swing
800
Mbps
The l denotes the specifications which apply
over the specified temperature range, otherwise specifications are at TA = 25°C, LE/HYST, SHDN pins floating,VOVERDRIVE = 50mV,
–IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size, RL=100Ω , unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com