Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 10 Page - Analog Devices

No. de pieza LTC6754ISC6#TRMPBF
Descripción Electrónicos  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 6Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 7Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 8Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 9Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 10Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 11Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 12Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 13Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC6754
10
6754f
For more information www.linear.com/LTC6754
pin FuncTions
+IN (Pin 3/Pin 4): Positive Input of the Comparator.
The voltage range of this pin can go from VEE (–0.2V)
to VCCI (+0.1V).
–IN (Pin 4/Pin 5): Negative Input of the Comparator.
The voltage range of this pin can go from VEE (–0.2V)
to VCCI (+0.1V).
VCCI (Pin 5/Pin 2): Positive Supply Voltage for the Input
Stage. The voltage between VCCI and VEE should be be-
tween 2.4V and 5.25V. This pin is combined with VCCO in
the SC70 package.
VCCO (Pin 5/Pin 1): Positive Supply Voltage for the LVDS
Output Stage. See the section High Speed Board Design
Techniquesforproperpowersupplylayoutandbypassing.
The voltage between VCCO and VEE should be between
2.4V and 5.25V.This pin is combined with VCCI in the
SC70 package.
VEE (Pin 2/Pins 3, 9): Negative Power Supply, normally
tied to ground. This can be tied to a voltage other than
ground as long as the constraints for total supply voltage
relative to VCCI/VCCO are maintained.
SHDN (Pin 7) UD Only: Active Low Comparator Shut-
down, threshold is 0.8V above VEE. If left unconnected,
the comparator will be fully powered up.
LE/HYST (Pin 8) UD Only: This pin allows the user to
adjust the comparator’s hysteresis as well as latch the
output if the pin voltage is pulled to within 400mV above
VEE. Hysteresis can be increased or disabled by voltage,
current or a resistor to VEE. Leaving the pin unconnected
results in a typical hysteresis of 4.5mV.
Q(Pin1/Pin12):PositiveComparatorOutput.Whenthecom-
paratoroutputsaredifferentiallyloadedwitha100Ωresistor,
Q swings to VOCM  +  VOD / 2 when +IN > –IN and
VOCM – VOD / 2 when +IN < –IN, where VOCM and VOD are
typically 1.26V and 360mV respectively for a supply of 5V.
Q(Pin6/Pin10):NegativeComparatorOutput.Whenthecom-
paratoroutputsaredifferentiallyloadedwitha100Ωresistor,
Q swings to VOCM  +  VOD  /  2 when +IN < –IN and
VOCM – VOD / 2 when +IN > –IN, where VOCM and VOD are
typically 1.26V and 360mV respectively for a supply of 5V.
block DiagraM
VCCI
VCCI
VEE
VEE
6754 BD
VEE
VCCI
VEE
VEE
–IN
VCCI
VEE
VCCI
+IN
–
+
INPUT
STAGE
HYSTERESIS STAGE
–
+
GAIN
STAGE
Q
Q
LE/HYST
SHDN
LE/HYST PIN INTERFACE
14.5k
1.25V
350k
+
+
+–
+–
OUTPUT CURRENT
DRIVER STAGE
1.26V
COMMON
MODE
DETECTOR
I = 3.6mA, +IN < –IN
I = –3.6mA, +IN > –IN
VEE
VEE
VEE
VCCO
VCCO
VEE
VCCO
ERROR
AMPLIFIER
Q + Q
2
Figure 1.
(SC70/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com