Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC6754ISC6#TRMPBF Datasheet(PDF) 15 Page - Analog Devices

No. de pieza LTC6754ISC6#TRMPBF
Descripción Electrónicos  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTC6754ISC6#TRMPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6754ISC6#TRMPBF Datasheet HTML 11Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 12Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 13Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 14Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 15Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 16Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 17Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 18Page - Analog Devices LTC6754ISC6#TRMPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LTC6754
15
6754f
For more information www.linear.com/LTC6754
applicaTions inForMaTion
Shutdown
TheLTC6754UD(QFNpackage)hasashutdownpin(SHDN,
active low) that can reduce the total supply current to a
typical value of only 1.05mA. When the part is in shut-
down, the outputs are placed in a high impedance state.
The shutdown pin needs to be taken to within 800mV of
the negative supply for the part to shut down. When left
floating, the shutdown pin is internally pulled towards the
positive supply and comparators remain fully biased on.
Dispersion
Dispersion is defined as the change in propagation delay
for different input overdrive or common mode conditions.
It becomes very crucial in timing sensitive applications.
Overdrive dispersion from 10mV overdrive to 125mV
overdrive (150mV total step size) is typically 1ns. The
graph titled Propagation Delay vs Common Mode volt-
age shows the dispersion due to shifts in input common
mode voltage.
Jitter
The LTC6754 has been designed for low phase noise and
jitter. This allows it to be used in applications where high
frequency low amplitude sine waves need to be converted
to full LVDS level outputs with minimal additive jitter. The
graphtitledOutputJittervsInputAmplitudedemonstrates
the additive jitter of the LTC6754 for different amplitudes
of a sinusoidal input. Refer to the Electrical Characteristics
Table to see how jitter varies with signal frequency.
High Speed Board Design Techniques
In order to obtain optimal performance from the LTC6754,
certainguidelinesregardingsignalroutingandpowersup-
plybypassingshouldbecarefullyfollowed.Ifimplemented
properly, output signal integrity can be maintained, oscil-
lationscanbeeliminatedandelectromagneticinterference
due to fast switching at the outputs can be minimized.
TheLTC6754hasbeendesignedtodriveLVDSloads.LVDS
receiversareterminatedwith100Ωloadsconnecteddiffer-
entially to the outputs of the transmitter. In order to obtain
thefastestperformanceoutoftheLTC6754,the100Ωload
should be connected directly across the LTC6754’s output
pins (Q and Q) if possible. Surface mounted resistors as
opposed to leaded resistors are preferable due to lower
parasiticinductancesandcapacitances.Inmanysituations,
however, it may not be possible to keep the LTC6754 close
totheLVDSreceiver.Insuchsituations,50Ωtransmission
linesshouldbeusedtoroutetheoutputsoftheLTC6754to
the 100Ω receiver as shown in Figure 8. Since the outputs
of the LTC6754 are fully differential in nature, each output
sees a 50Ω load at the receiver. Using 50Ω characteristic
impedance transmission lines minimizes reflections from
the load and helps to maintain signal integrity. It is crucial,
however, that the traces on both outputs be symmetrical,
otherwise reflections may occur, since the broadband
impedance seen by each single ended output would then
deviate from 50Ω.
Q
100
Q
–
+
Z = 50
Z = 50
LTC6754
6754 F08
Figure 8. Routing LTC6754 Outputs to a 100Ω LVDS Receiver
Asymmetrical routing on the outputs should also be
avoided as this reduces the extent to which EMI induced
by the positive and negative outputs cancel each other.
AdditionalimprovementsinEMIcanbeobtainedbyshield-
ing the output traces with a low impedance ground plane
Parasitic feedback between +IN and Q on one hand, and
between –IN and Q on the other, should be minimized to
avoidoscillations.Iftheinputsandcomplementaryoutputs
can’t be placed away from each other, a ground trace as
a shield should be used to isolate them.
The positive supply pins should be adequately bypassed
to the VEE pin to minimize transients on the supply. Low
ESR and ESL capacitors are required due to the high speed
nature of the device.
Even a few nanohenries of parasitic trace inductance in
serieswiththesupplybypassingcancauseseveralhundred
millivolts of disturbance on the supply pins during output
transitions, especially if the supply is used to power up
other devices that are also switching. A 2.2μF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com