Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Z9952 Datasheet(PDF) 4 Page - Cypress Semiconductor

No. de pieza Z9952
Descripción Electrónicos  3.3V, 180MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9952 Datasheet(HTML) 4 Page - Cypress Semiconductor

  Z9952 Datasheet HTML 1Page - Cypress Semiconductor Z9952 Datasheet HTML 2Page - Cypress Semiconductor Z9952 Datasheet HTML 3Page - Cypress Semiconductor Z9952 Datasheet HTML 4Page - Cypress Semiconductor Z9952 Datasheet HTML 5Page - Cypress Semiconductor Z9952 Datasheet HTML 6Page - Cypress Semiconductor Z9952 Datasheet HTML 7Page - Cypress Semiconductor Z9952 Datasheet HTML 8Page - Cypress Semiconductor Z9952 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07085 Rev. *B
12/22/2002
Page 4 of 9
Z9952
AC Parameters
1
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Freq
Reference Input Frequency
Note 2
Note 2
MHz
Fvco
PLL VCO Lock Range
200
480
MHz
Tlock
Maximum PLL lock Time
10
ms
Tr / Tf
Output Clocks Rise / Fall Time
4,5
0.10
1.0
ns
0.8V to 2.0V
-
180
QB, QC = (
÷2)
120
QA, QB, QC = (
÷4)
Fout
Maximum Output Frequency
80
MHz
QA = (
÷6)
FoutDC
Output Duty Cycle
4,5
TCYCLE/2 –
750
TCYCLE/2 +
750
ps
tpZL, tpZH
Output enable time (all outputs)
2
10
ns
tpLZ, tpHZ
Output disable time (all outputs)
2
8
ns
TCCJ
Cycle to Cycle Jitter (peak to peak)
5
+/- 100
ps
Tpd
REFCLK to FB_IN Delay
3,,4,5
-200
200
ps
-
150
Same frequencies
TSKEW0
Any Output to Any Output Skew
4,5
250
ps
Different frequencies
VDDA = VDD = VDDC = 3.3V +/- 5%, TA = -40
°°°°C to +85°°°°C
Note 1: Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with
loaded outputs.
Note 2: Maximum and minimum input reference is limited by the VCO lock range.
Note 3: The Tpd window is specified for a 50MHz input reference clock. The window will enlarge/reduce proportionally from the
minimum limits with an increase/decrease of the input reference clock period.
Note 4: Driving series or parallel terminator 50
Ω (or 50Ω to VDD/2).
Note 5: Outputs loaded with 30pF each



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com