Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Z9952 Datasheet(PDF) 7 Page - Cypress Semiconductor

No. de pieza Z9952
Descripción Electrónicos  3.3V, 180MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9952 Datasheet(HTML) 7 Page - Cypress Semiconductor

  Z9952 Datasheet HTML 1Page - Cypress Semiconductor Z9952 Datasheet HTML 2Page - Cypress Semiconductor Z9952 Datasheet HTML 3Page - Cypress Semiconductor Z9952 Datasheet HTML 4Page - Cypress Semiconductor Z9952 Datasheet HTML 5Page - Cypress Semiconductor Z9952 Datasheet HTML 6Page - Cypress Semiconductor Z9952 Datasheet HTML 7Page - Cypress Semiconductor Z9952 Datasheet HTML 8Page - Cypress Semiconductor Z9952 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07085 Rev. *B
12/22/2002
Page 7 of 9
Z9952
Ordering Information
Part Number
Package Type
Production Flow
Z9952AA
32 PIN TQFP
Industrial, -40
°C to +85°C
Note:
The ordering part number is formed by a combination of device number, device revision, package style, and
screening as shown below.
Marking: Example:
Cypress
Z9952AA
Date Code, Lot #
Z9952AA
Package
A = TQFP
Revision
IMI Device Number



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com