Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP30V01DF Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

No. de pieza AP30V01DF
Descripción Electrónicos  -16V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP30V01DF Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP30V01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP30V01DF
-16V P+P-Channel Enhancement Mode MOSFET
AP30V01DF REV1.0
永源微電子科技有限公司
Typical Characteristics
Figure 1: Output Characteristics
Figure 2: Typical Transfer Characteristics
Figure 3: On-resistance vs. Drain Current
Figure 4: Body Diode Characteristics
Figure 5: Gate Charge Characteristics
Figure 6: Capacitance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com