Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP30V01DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP30V01DF
Descripción Electrónicos  -16V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP30V01DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30V01DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30V01DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30V01DF
-16V P+P-Channel Enhancement Mode MOSFET
AP30V01DF REV1.0
永源微電子科技有限公司
Description
The AP30V01DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -16V ID =-30A
RDS(ON) < 10mΩ @ VGS=4.5V(Type:8.0mΩ)
Application
Electronic cigarette
Load switch
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30V01DF
PDFN3*3-8L
AP30V01DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDSS
Drain-Source Voltage
-16
V
VGSS
Gate-Source Voltage
±12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
-30
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
-15
A
IDM
Pulsed Drain Current note1
-90
A
PD@TC=25℃
Power Dissipation
2.6
W
EAS
Single Pulsed Avalanche Energy
38
mJ
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
RθJC
Thermal Resistance Junction-Case1
6
℃/W
RθJA
Thermal Resistance, Junction to Ambient
85
℃/W


Número de pieza similar - AP30V01DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP30V02DF APME-AP30V02DF Datasheet
1Mb / 7P
-20V PP-Channel Enhancement Mode MOSFET
AP30V03DF APME-AP30V03DF Datasheet
703Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
AP30V04DF APME-AP30V04DF Datasheet
771Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V04NF APME-AP30V04NF Datasheet
699Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP30V06NF APME-AP30V06NF Datasheet
1,005Kb / 7P
-60V PP-Channel Enhancement Mode MOSFET
REV1.0
More results

Descripción similar - AP30V01DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
Leshan Radio Company
LP2307LT1G LRC-LP2307LT1G_15 Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
LP2307LT1G LRC-LP2307LT1G Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com