Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CC6207TO Datasheet(PDF) 6 Page - CrossChip Microsystems Inc.

No. de pieza CC6207TO
Descripción Electrónicos  Omnipolar low-power Hall effect switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CROSSCHIP [CrossChip Microsystems Inc.]
Página de inicio  https://www.crosschipmicro.com/
Logo CROSSCHIP - CrossChip Microsystems Inc.

CC6207TO Datasheet(HTML) 6 Page - CrossChip Microsystems Inc.

Back Button CC6207TO Datasheet HTML 2Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 3Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 4Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 5Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 6Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 7Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 8Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 9Page - CrossChip Microsystems Inc. CC6207TO Datasheet HTML 10Page - CrossChip Microsystems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
crossMAG series
DS-CC6207-SC-rev1.4
Copy Right Reserved by CrossChip Microsystems Inc. 2019
http://www.crosschipmicro.com
(2)SOT23-3 封装
E1
E
D
A1
A2
0.254
θ
A
b
e1
A3
L
L1
c
Hall 感应点位置
1
2
3
0.80
1.46
符号
毫米
最小值
典型值
最大值
A
-
-
1.35
A1
0.04
0.08
0.12
A2
1.00
1.10
1.20
A3
0.55
0.65
0.75
b
0.37
0.40
0.43
c
0.11
0.16
0.21
D
2.77
2.90
3.07
E
1.40
1.60
1.80
E1
2.70
2.85
3.00
e1
1.80
1.90
2.00
L
0.35
0.45
0.55
L1
0.55
0.65
0.75
θ
0°
-
8°
注意: 所有单位均为毫米。
打标信息:
第一行: 6207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com