Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OLED-128F32A-RNP3T00000 Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza OLED-128F32A-RNP3T00000
Descripción Electrónicos  128 x 32 Graphic OLED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-128F32A-RNP3T00000 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button OLED-128F32A-RNP3T00000 Datasheet HTML 4Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 5Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 6Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 7Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 8Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 9Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 10Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 11Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OLED-128O032A-LPP3N00000
www.vishay.com
Vishay
Revision: 15-Aug-17
8
Document Number: 37891
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INSPECTION SPECIFICATION
NO.
ITEM
CRITERION
AQL
01
Electrical testing
1.1 Missing vertical, horizontal segment, segment contrast defect
0.65
1.2 Missing character, dot or icon
1.3 Display malfunction
1.4 No function or no display
1.5 Current consumption exceeds product specifications
1.6 OLED viewing angle defect
1.7 Mixed product types
1.8 Contrast defect
02
Black or white
spots on OLED
(display only)
2.1 White and black spots on display
≤ 0.25 mm, no more than three white or black spots present
2.5
2.2 Densely spaced: no more than two spots or lines within 3 mm
03
OLED black spots,
white spots,
contamination
(non-display)
3.1 Round type: as following drawing
Φ = (x + y) / 2
2.5
SIZE
ACCEPTABLE QTY
Φ ≤ 0.10
Accept no dense
0.10 <
Φ ≤ 0.20
2
0.20 <
Φ ≤ 0.25
1
0.25 <
Φ
0
3.2 Line type
(as following drawing)
2.5
LENGTH
WIDTH
ACCEPTABLE QTY
-W
≤ 0.02
Accept no dense
L
≤ 3.0
0.02 < W
≤ 0.03
2
L
≤ 2.5
0.03 < W
≤ 0.05
-
0.05 < W
As round type
04
Polarizer bubbles
If bubbles are visible, judge using black spot
specifications, not easy to find, must check in
specify direction.
2.5
SIZE Φ
ACCEPTABLE QTY
Φ ≤ 0.20
Accept no dense
0.20 <
Φ ≤ 0.50
3
0.50 <
Φ ≤ 1.00
2
1.00 <
Φ
0
Total QTY
3
05
Scratches
Follow no. 3 OLED black spots, white spots, contamination
06
Chipped glass
Symbols:
2.5
x: chip length
y: chip width
z: chip thickness
k: seal width
t: glass thickness
a: OLED side length
l: electrode pad length
6.1 General glass chip:
6.1.1 Chip on panel surface and crack between panels:
z: chip thickness
y: chip width
x: chip length
z
≤ 1/2 t
Not over viewing area
x
≤ 1/8 a
1/2 t < z
≤ 2 t
Not exceed 1/3 k
x
≤ 1/8 a
Note
• If there are 2 or more chips, x is total length of each chip
y
x
W
L
k
z
x
y
k
z
x
y
x
y
z
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com