Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OLED-128F32A-RNP3T00000 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza OLED-128F32A-RNP3T00000
Descripción Electrónicos  128 x 32 Graphic OLED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-128F32A-RNP3T00000 Datasheet(HTML) 1 Page - Vishay Siliconix

  OLED-128F32A-RNP3T00000 Datasheet HTML 1Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 2Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 3Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 4Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 5Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 6Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 7Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 8Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OLED-128O032A-LPP3N00000
www.vishay.com
Vishay
Revision: 15-Aug-17
1
Document Number: 37891
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
128 x 32 Graphic OLED
FEATURES
• Type: graphic
• Display format: 128 x 32 dots
• Built-in controller: SSD1305Z
• Duty cycle: 1/32
• +3 V power supply
• Interface: 6800, 8080, SPI, I2C
• With polarizer
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) All the above voltages are on the basis of “VSS = 0 V”
(2) When this module is used beyond the above absolute maximum
ratings, permanent breakage of the module may occur. Also,
for normal operations, it is desirable to use this module under
the conditions according to “Electrical Characteristics”. If this
module is used beyond these conditions, malfunctioning of the
module can occur and the reliability of the module may
deteriorate
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module dimension
62.0 x 24.0 x 2.35
mm
Viewing area
57.02 x 15.10
Active area
55.018 x 13.098
Dot size
0.408 x 0.388
Dot pitch
0.43 x 0.41
Mounting hole
n/a
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
MAX.
Supply voltage
for logic (1)(2)
VDD
-0.3
4
V
Supply voltage
for display (1)(2)
VCC
015
V
Operating
temperature
TOP
-40
+80
°C
Storage
temperature
TSTG
-40
+80
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Supply voltage for logic
VDD
-
2.8
3.0
3.3
V
Supply voltage for display
VCC
-
101215
Input high voltage
VIH
-
0.8 VDD
-VDD
Input low voltage
VIL
-
0
-
0.2 VDD
Output high voltage
VOH
-
0.9 VDD
-VDD
Output low voltage
VOL
-
0
-
0.1 VDD
50 % check board operating current
ICC
VCC = 12 V
101214
mA
OPTIONS
EMITTING COLOR
YELLOW
GREEN
RED
BLUE
WHITE
Yes
----


Número de pieza similar - OLED-128F32A-RNP3T00000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
OLED-128F064Q-LPP3N00000 VISHAY-OLED-128F064Q-LPP3N00000 Datasheet
208Kb / 14P
128 x 64 Graphic OLED
15-Aug-17
More results

Descripción similar - OLED-128F32A-RNP3T00000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
OLED-128O032A-BPP3N00000 VISHAY-OLED-128O032A-BPP3N00000 Datasheet
402Kb / 25P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O032A-GPP3N00000 VISHAY-OLED-128O032A-GPP3N00000 Datasheet
425Kb / 25P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O032A-SPP3N00000 VISHAY-OLED-128O032A-SPP3N00000 Datasheet
401Kb / 25P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O032A-WPP3N00000 VISHAY-OLED-128O032A-WPP3N00000 Datasheet
402Kb / 25P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O032D-LPP3N00000 VISHAY-OLED-128O032D-LPP3N00000 Datasheet
215Kb / 15P
128 x 32 Graphic OLED
15-Aug-17
OLED-128O032D-SPP3N00000 VISHAY-OLED-128O032D-SPP3N00000 Datasheet
404Kb / 24P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O032E-LNP3N00000 VISHAY-OLED-128O032E-LNP3N00000 Datasheet
221Kb / 14P
128 x 32 Graphic OLED
15-Aug-17
OLED-128O032E-LPP3N00000 VISHAY-OLED-128O032E-LPP3N00000 Datasheet
476Kb / 25P
128 x 32 Graphic OLED
13-Dec-16
OLED-128O032F-WPP3N00000 VISHAY-OLED-128O032F-WPP3N00000 Datasheet
212Kb / 13P
128 x 32 Graphic OLED
15-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com