Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OLED-128F32A-RNP3T00000 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza OLED-128F32A-RNP3T00000
Descripción Electrónicos  128 x 32 Graphic OLED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-128F32A-RNP3T00000 Datasheet(HTML) 3 Page - Vishay Siliconix

  OLED-128F32A-RNP3T00000 Datasheet HTML 1Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 2Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 3Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 4Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 5Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 6Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 7Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 8Page - Vishay Siliconix OLED-128F32A-RNP3T00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
OLED-128O032A-LPP3N00000
www.vishay.com
Vishay
Revision: 15-Aug-17
3
Document Number: 37891
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
The non-specified tolerance of dimension is ± 0.3 mm.
(24.75)
“A”
3.491
2.491
55.018 (AA)
57.02 (VA)
62.00 ± 0.2
8.50 ± 0.1
2.00 ± 0.15
2 x Ø
0.80
± 0.1
0.50
P0.5 x 23 = 11.50 ± 0.05
W = 0.30 ± 0.03
12.50 ± 0.2
124
0.408
0.43
Detail “A”
SCALE 5/1
1.10 ± 0.1
0.70 ± 0.07
2.05 ± 0.2
Glue
Protect tape
15 x 3.5 x 0.05
Remove tape
t = 0.15 max.
0.30 ± 0.03
Stiffener side
Contact side
2.35 max.
Shading plate
t = 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com