Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7231B Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7231B
Descripción Electrónicos  5.5 V Low Loss Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7231B Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7231B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIO7231B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO7231B• Rev 1.5
Pin Assignments
SOT23 (Top View)
Figure 1. Pin Assignment
Pin Description
Pin Name
Pin Description
OUT
Output pin, decoupled with a 0.1 μF capacitor to GND
GND
Ground pin
IN
Input pin, decoupled with a 0.1 µF capacitor to GND
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
All pins
-0.3 to 6
V
TL
Lead temperature (Soldering, 10 s)
260
°C
TSTG
Storage temperature range
-65 to 150
°C
TJ
Operating junction temperature
125
°C
θJA
Junction-to-ambient thermal resistance
215
°C/W
θJC
Junction-to-case thermal resistance
91.5
°C/W
PD
Power dissipation at θJA = 215°C/W, TJ = 125°C, TA = 25°C
0.465
W
ESD
HBM (Human Body Mode)
6
kV
CDM (Charged Device Mode)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com