Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7231B Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7231B
Descripción Electrónicos  5.5 V Low Loss Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7231B Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7231B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 1.5
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO7231B• Rev 1.5
DIO7231B
5.5 V Low Loss Power Distribution Switch
Features
Input voltage: 2.7 V to 5.5 V
Typical 135 mΩ on-resistance
Output discharge resistance of 600 Ω
Undervoltage lockout
Overcurrent protection, short circuit
protection and over-temperature protection
Fault time 5 ms typically with blanking
Reverse blocking (no body diode)
No reverse current when power ON or power
OFF
Compact SOT23 package
Applications
USB Ports/Hubs
Digital TV
Set-Top Boxes
VOIP Phones
Descriptions
The DIO7231B power distribution switch is
intended for applications where precision current
limiting is required or heavy capacitive loads and
short circuits are encountered. The power switch
rising and falling times are controlled to minimize
current surges during turning on/off.
The DIO7231B provide a 150 mA current level.
The DIO7231B device limits the output current
under a safe level by using a constant current
mode when the output load exceeds the current
limit threshold.
The DIO7231B is available in the SOT23 package.
It is rated over the -40°C to 85°C temperature
range.
Typical Application
Ordering Information
Order Part Number
Top Marking
RoHS
Package
DIO7231BST3
W31B
Green
SOT23
Tape & Reel, 3000


Número de pieza similar - DIO7231B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOO MICROCIRCUITS CO.,...
DIO72520 DIOO-DIO72520 Datasheet
595Kb / 9P
Overvoltage and Overcurrent Protection IC
Rev 1.0
DIO72520CD6 DIOO-DIO72520CD6 Datasheet
595Kb / 9P
Overvoltage and Overcurrent Protection IC
Rev 1.0
DIO7290 DIOO-DIO7290 Datasheet
768Kb / 14P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Rev 1.4
DIO7290B DIOO-DIO7290B Datasheet
391Kb / 15P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
May 2023
DIO7290BWL4 DIOO-DIO7290BWL4 Datasheet
391Kb / 15P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
May 2023
More results

Descripción similar - DIO7231B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com