Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7231B Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7231B
Descripción Electrónicos  5.5 V Low Loss Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7231B Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7231B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7231B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIO7231B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO7231B• Rev 1.5
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding
them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
Unit
VIN
IN
2.7 to 5.5
V
All other pins
0 to 5.5
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C
Electrical Characteristics
TA = 25°C VIN = 5 V, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
2.7
5.5
V
IQ
Quiescent supply current
Open load, IC disabled
100
150
µA
RDS(ON)
FET RON
IOUT = 100 mA
135
176
mΩ
VIN_UVLO
IN UVLO threshold
2.5
V
VIN_HYS
IN UVLO hysteresis
240
400
mV
ILIM
Current limit
220
250
280
mA
TON
Turn-on time
RL = 50 Ω, COUT = 1 μF
400
µs
TOFF
Turn-off time
RL = 50 Ω, COUT = 1 μF
100
µs
TSD
Thermal shutdown temperature
140
°C
Thermal shutdown hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com