Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7291 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7291
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7291 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7291 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO7291
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7291• Rev.1.3
VIN = 1.8 V
25°C
81
Full
100(1)
VIN = 1.2 V
25°C
155
Full
195(1)
RON_PD
ON pull down resistance
VON = 1.2 V to 3.6 V or GND
8.5
MΩ
VIH (1)
High level input voltage,
ON
VIN = 1.2 V to 5.5 V
1.0
V
VIL (1)
Low level input voltage,
ON
VIN = 1.2 V to 5.5 V
0.5
V
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.
Switching Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN = 1.2 V
tON
Turn on time
RL = 100 Ω
CL = 0.1 μF
640
μs
CL = 1 μF
688
CL = 3.3 μF
690
tOFF
Turn off time
RL = 100 Ω
CL = 0.1 μF
8
μs
CL = 1 μF
34
CL = 3.3 μF
240
tr
VOUT rise time
RL = 100 Ω
CL = 0.1 μF
440
μs
CL = 1 μF
480
CL = 3.3 μF
488
tf
VOUT fall time
RL = 100 Ω
CL = 0.1 μF
22
μs
CL = 1 μF
112
CL = 3.3 μF
770
VIN = 1.8 V
tON
Turn on time
RL = 100 Ω
CL = 0.1 μF
376
μs
CL = 1 μF
396
CL = 3.3 μF
412
tOFF
Turn off time
RL = 100 Ω
CL = 0.1 μF
7
μs
CL = 1 μF
32
CL = 3.3 μF
228
tr
VOUT rise time
RL = 100 Ω
CL = 0.1 μF
288
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com