Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7291 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7291
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7291 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7291 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7291 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev 1.3
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7291• Rev. 1.3
DIO7291
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Features
Low input voltage: 1.2 V to 5.5 V
Ultra-low ON-state resistance
-
RON = 46 mΩ at VIN = 5.0 V
-
RON = 49 mΩ at VIN = 4.2 V
-
RON = 52 mΩ at VIN = 3.6 V
-
RON = 63 mΩ at VIN = 2.5 V
-
RON = 81 mΩ at VIN = 1.8 V
-
RON = 155 mΩ at VIN = 1.2 V
DC current up to 1.5 A
Ultra-low quiescent current: 57 nA at 1.8 V
Low control input thresholds enable use of
1.2 V/ 1.8 V/ 2.5 V/ 3.6 V/ 4.2 V/ 5.0 V logic
Controlled slew rate to avoid inrush current
Package: WLCSP-4 (0.4 mm pitch)
Descriptions
The DIO7291 device is low RON MOSEFT
controlled by external logic pin, allowing
optimization of battery life, and portable device
autonomy. It includes a P-channel MOSFET that
operates over an input voltage range of 1.2 V to
5.5 V. An on/off input (ON) controls the switch that
can interface with low voltage control signals.
The DIO7291 is packaged in WLCSP-4 with 0.4
mm pitch. It is characterized for operation over
the free-air temperature range of -40°C to 85°C.
Applications
Cellular phones
GPS devices
Digital cameras
Peripheral ports
Portable instrumentation
RF modules
Personal digital assistants (PDAs)
MP3 players
Typical Applications


Número de pieza similar - DIO7291

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOO MICROCIRCUITS CO.,...
DIO7290 DIOO-DIO7290 Datasheet
768Kb / 14P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Rev 1.4
DIO7290B DIOO-DIO7290B Datasheet
391Kb / 15P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
May 2023
DIO7290BWL4 DIOO-DIO7290BWL4 Datasheet
391Kb / 15P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
May 2023
DIO7290U DIOO-DIO7290U Datasheet
888Kb / 18P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Apr 2026
DIO7290UWL4 DIOO-DIO7290UWL4 Datasheet
888Kb / 18P
Ultra-Small, Low-Input Voltage, Low RON Load Switch
Apr 2026
More results

Descripción similar - DIO7291

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com