Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7296 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7296
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7296 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7296 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DIO7296
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7296• Rev.1.3
Detailed Description
Overview
The DIO7296 is a low ON-state resistance (RON) load switch with controlled turn-on. The device contains a
P-channel MOSFET that operates over an input voltage range of 1.0 V to 5.5 V. The switch is controlled by an
on/off input (ON), which is capable of interfacing directly with low-voltage control signals. A 120 Ω on-chip load
resistor is added for output quick discharge when the switch is turned off.
Functional Block Diagram
Figure 2. Block diagram
Feature Description
ON/OFF control
The ON pin controls the state of the switch. Activating ON continuously holds the switch in the on state so long
as there is no fault. ON is active HI and has a low threshold making it capable of interfacing with low-voltage
signals. The ON pin is compatible with standard GPIO logic threshold. It can be used with any microcontroller
with 1.2 V, 1.8 V, 2.5 V, 3.3 V or 5.0 V GPIOs.
Device functional modes
Table 1 lists the functional modes of the DIO7296.
Table 1. Function table
ON (Control Input)
VIN to VOUT
VOUT to GND
L
OFF
ON
H
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com