Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7296 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7296
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7296 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7296 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DIO7296
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7296• Rev.1.3
Power Supply Recommendations
The device is designed to operate with a VIN range of 1.0 V to 5.5 V. This supply must be well regulated and
placed as close to the device terminals as possible. It must also be able to withstand all transient and load
currents, using a recommended input capacitance of 1 μF if necessary. If the supply is more than a few inches
from the device terminals, additional bulk capacitance may be required in addition to the ceramic bypass
capacitors. If additional bulk capacitance is required, an electrolytic, tantalum, or ceramic capacitor of 10μF
may be sufficient.
Layout
Layout Guidelines
For best performance, all traces should be as short as possible. To be most effective, the input and output
capacitors should be placed close to the device to minimize the effects that parasitic trace inductances may
have on normal and short circuit operation. Using wide traces for VIN, VOUT, and GND helps minimize the
parasitic electrical effects along with minimizing the case to ambient thermal impedance.
Layout Example
Figure 4. Recommended board layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com