Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7296 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7296
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7296 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7296 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7296 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DIO7296
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7296• Rev.1.3
Application and Implementation
Application Information
Input capacitor
To limit the voltage drop on the input supply caused by transient in-rush currents when the switch turns on into
a discharged load capacitor or short-circuit, a capacitor needs to be placed between VIN and GND. A 1 μF
ceramic capacitor, CIN, place close to the pins is usually sufficient. Higher values of CIN can be use to further
reduce the voltage drop during high current application. When switching heavy loads, it is recommended to
have an input capacitor approximately 10 times higher than the output capacitor to avoid excessive voltage
drop.
Output capacitor
Due to the integral body diode in the PMOS switch, a CIN greater than CL is highly recommended. A CL greater
than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current flow
through the body diode from VOUT to VIN.
Typical Application
Figure 3. Powering a downstream module
Design Requirements
Table 2 lists the design parameters for the DIO7296 device.
Table 2. Design parameters
Design Parameter
Example Value
VIN
1.8 V
Load current
0.3 A
Ambient temperature
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com