Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7299 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7299
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7299 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7299 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7299 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DIO7299
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7299• Rev.1.5
Detailed Design Procedure
VIN to VOUT voltage drop
The voltage drop from VIN to VOUT is determined by the ON-resistance of the device and the load current. The
RON can be found in Electrical Characteristics and is dependent on temperature. When the value of RON is
found, Equation (1) can be used to calculate the voltage drop across the device:
ON
LOAD
R
×
I
=
ΔV
(1)
Where
△
V = Voltage drop across the device
ILOAD = Load current
RON = ON-resistance of the device
At VIN = 1.8 V, the DIO7299 has a RON value of 58 mΩ. Using this value and the defined load current, the above
equation can be evaluated:
△
V = 0.30 A × 58 mΩ
(2)
Where,
△
V = 17.4 mV
Therefore, the voltage drop across the device will be 17.4 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com