Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD2931-10 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza SD2931-10
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SD2931-10_03 Datasheet HTML 2Page - STMicroelectronics SD2931-10_03 Datasheet HTML 3Page - STMicroelectronics SD2931-10_03 Datasheet HTML 4Page - STMicroelectronics SD2931-10_03 Datasheet HTML 5Page - STMicroelectronics SD2931-10_03 Datasheet HTML 6Page - STMicroelectronics SD2931-10_03 Datasheet HTML 7Page - STMicroelectronics SD2931-10_03 Datasheet HTML 8Page - STMicroelectronics SD2931-10_03 Datasheet HTML 9Page - STMicroelectronics SD2931-10_03 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical performance
SD2931-10
6/16
4
Typical performance
Figure 3.
Capacitance vs drain-source
voltage
Figure 4.
Drain current vs gate voltage
Figure 5.
Gate-source voltage vs case
temperature
Figure 6.
Maximum thermal resistance vs
case temperature
Figure 7.
Safe operating area
0
1020
304050
VDS, DRAIN-SOURCE VOLTAGE (V)
10
100
1000
10000
Ciss
Coss
Crss
f =1MHz
2
2.5
33.544.555.5
6
VGS, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
Tc=-20 °C
Tc=+25 °C
Tc=+80 °C
VDS = 10 V
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (°C)
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
Id =.25A
Id =.1A
Id =1A
Id =2A
Id =4A
Id =11A
Id =5A
Id =7A
Id =9A
Id =10A
Vds= 10 V
25
35
45
55
65
75
85
Tc, CASE TEMPERATURE (°C)
0.44
0.48
0.52
0.56
0.6
1
10
100
1000
Vds(V)
1
10
100
(1) Current in this area may be limited by Rds(on)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com