Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD2931-10 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza SD2931-10
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2931-10_03 Datasheet HTML 1Page - STMicroelectronics SD2931-10_03 Datasheet HTML 2Page - STMicroelectronics SD2931-10_03 Datasheet HTML 3Page - STMicroelectronics SD2931-10_03 Datasheet HTML 4Page - STMicroelectronics SD2931-10_03 Datasheet HTML 5Page - STMicroelectronics SD2931-10_03 Datasheet HTML 6Page - STMicroelectronics SD2931-10_03 Datasheet HTML 7Page - STMicroelectronics SD2931-10_03 Datasheet HTML 8Page - STMicroelectronics SD2931-10_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics (TCASE = +25 ºC)
SD2931-10
4/16
2
Electrical characteristics (TCASE = +25 ºC)
2.1
Static
2.2
Dynamic
Table 4.
Static (per side)
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0 V
IDS = 100 mA
125
V
IDSS
VGS = 0 V
VDS = 50 V
50
µA
IGSS
VGS = 20 V
VDS = 0 V
250
nA
VGS(Q)
(1)
1.
VGS(Q) sorted with alpha/numeric code marked on unit.
VDS = 10 V
ID = 250 mA
See table below
V
VDS(ON)
VGS = 10 V
ID = 10 A
3.0
V
GFS
VDS = 10 V
ID = 5 A
5
6
mho
CISS
VGS = 0 V
VDS = 50 V
f = 1 MHz
480
pF
COSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
190
pF
CRSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
18
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 50 V
IDQ = 250 mA
f = 175 MHz
150
W
GPS
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
14
15
dB
nD
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
55
65
%
Load
mismatch
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
All phase angles
10:1
VSWR
Table 6.
VGS sorts
A
2.0 - 2.1
K
2.9 - 3.0
B
2.1 - 2.2
L
3.0 - 3.1
C
2.2 - 2.3
M
3.1 - 3.2
D
2.3 - 2.4
N
3.2 - 3.3
E
2.4 - 2.5
P
3.3 - 3.4
F
2.5 - 2.6
Q
3.4 - 3.5
G
2.6 - 2.7
R
3.5 - 3.6
H
2.7 - 2.8
S
3.6 - 3.7
J
2.8 - 2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com