Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD2931-10 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza SD2931-10
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD2931-10_03 Datasheet HTML 5Page - STMicroelectronics SD2931-10_03 Datasheet HTML 6Page - STMicroelectronics SD2931-10_03 Datasheet HTML 7Page - STMicroelectronics SD2931-10_03 Datasheet HTML 8Page - STMicroelectronics SD2931-10_03 Datasheet HTML 9Page - STMicroelectronics SD2931-10_03 Datasheet HTML 10Page - STMicroelectronics SD2931-10_03 Datasheet HTML 11Page - STMicroelectronics SD2931-10_03 Datasheet HTML 12Page - STMicroelectronics SD2931-10_03 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SD2931-10
Test circuit
9/16
Figure 15.
175 MHz test circuit photomaster
Component
Description
C5
120 pF ATC chip cap
C6
0.01
µF ATC chip cap
C7
30 pF ATC chip cap
C10
91 pF ATC chip cap
C12, C15
1200 pF ATC chip cap
C13, C14,C16, C17
0.01
µF / 500 V chip cap
C18
10
µF 63 V electrolytic capacitor
Table 8.
Component part list (continued)
6.4 inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com