Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F212F2DFP Datasheet(PDF) 77 Page - Renesas Technology Corp

No. de pieza R5F212F2DFP
Descripción Electrónicos  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212F2DFP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F212F2DFP Datasheet HTML 73Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 74Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 75Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 76Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 77Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 78Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 79Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 80Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 354 page
background image
R8C/2E Group, R8C/2F Group
7. Programmable I/O Ports
Rev.1.00
Dec 14, 2007
Page 61 of 332
REJ09B0349-0100
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU12 bit in the PUR1 register to 1.
X: 0 or 1
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU13 bit in the PUR1 register to 1.
X: 0 or 1
Table 7.36
Port P5_3/TRCIOC/ACOUT0
Register
PD5
Timer RC setting
ACCR0
Function
Bit
PD5_3
−
CM0OE
Setting
value
0
Other than TRCIOC usage conditions
0
Input port(1)
1
Other than TRCIOC usage conditions
0
Output port
X
Refer to Table 7.37 TRCIOC Pin Setting
0
TRCIOC output
0
Refer to Table 7.37 TRCIOC Pin Setting
0
TRCIOC input(1)
X
Other than TRCIOC usage conditions
1
ACOUT0 output
Table 7.37
TRCIOC Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIOCSEL
EC
PWM2
PWMC
IOC2
IOC1
IOC0
Setting
value
0
0
1
1
X
X
X
PWM mode waveform output
0
01
0
001
Timer waveform output (output
compare function)
00
1
X
00
1
0
1
X
X
Timer mode (input capture function)
01
Other than above
Other than TRCIOC usage conditions
Table 7.38
Port P5_4/TRCIOD/ACOUT1
Register
PD5
Timer RC setting
ACCR1
Function
Bit
PD5_4
−
CM1OE
Setting
value
0
Other than TRCIOD usage conditions
0
Input port(1)
1
Other than TRCIOD usage conditions
0
Output port
X
Refer to Table 7.39 TRCIOD Pin Setting
0
TRCIOD output
0
Refer to Table 7.39 TRCIOD Pin Setting
0
TRCIOD input(1)
X
Other than TRCIOD usage conditions
1
ACOUT1 output
Table 7.39
TRCIOD Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIODSEL
ED
PWM2
PWMD
IOD2
IOD1
IOD0
Setting
value
0
0
1
1
X
X
X
PWM mode waveform output
0
01
0
001
Timer waveform output (output
compare function)
00
1
X
00
1
0
1
X
X
Timer mode (input capture function)
01
Other than above
Other than TRCIOD usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com