Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F212F2DFP Datasheet(PDF) 97 Page - Renesas Technology Corp

No. de pieza R5F212F2DFP
Descripción Electrónicos  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212F2DFP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F212F2DFP Datasheet HTML 93Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 94Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 95Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 96Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 97Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 98Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 99Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 100Page - Renesas Technology Corp R5F212F2DFP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 354 page
background image
R8C/2E Group, R8C/2F Group
10. Clock Generation Circuit
Rev.1.00
Dec 14, 2007
Page 81 of 332
REJ09B0349-0100
10.4.2.5
Reducing Internal Power Consumption
Internal power consumption can be reduced by using low-speed on-chip oscillator mode. Figure 10.11 shows
the Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit.
When enabling reduced internal power consumption using the VCA20 bit, follow Figure 10.11 Procedure for
Enabling Reduced Internal Power Consumption Using VCA20 bit.
Figure 10.11
Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit
NOTES:
1. Execute this routine to handle all interrupts generated in wait mode.
However, this does not apply if it is not necessary to start the high-speed clock or high-speed on-chip oscillator during the interrupt routine.
2. Do not set the VCA20 bit to 0 with the instruction immediately after setting the VCA20 bit to 1. Also, do not do the opposite.
3. When the VCA20 bit is set to 1, do not set the CM10 bit to 1 (stop mode).
4. When entering wait mode, follow 10.6.2 Wait Mode.
Handling procedure of internal power
low consumption enabled by VCA20 bit
Enter low-speed on-chip oscillator mode
Stop XIN clock and high-speed on-chip
oscillator clock
VCA20
← 1 (internal power low consumption
enabled)(2, 3)
Enter wait mode(4)
VCA20
← 0 (internal power low consumption
disabled)(2)
Start XIN clock or high-speed on-chip
oscillator clock
(Wait until XIN clock oscillation stabilizes)
Enter high-speed clock mode or
high-speed on-chip oscillator mode
In interrupt routine
VCA20
← 0 (internal power low consumption
disabled)(2)
Start XIN clock or high-speed on-chip
oscillator clock
Enter high-speed clock mode or
high-speed on-chip oscillator mode
Enter low-speed on-chip oscillator mode
Exit wait mode by interrupt
Stop XIN clock and high-speed on-chip
oscillator clock
VCA20
← 1 (internal power low consumption
enabled)(2, 3)
Interrupt handling completed
Step (1)
Step (2)
Step (3)
Step (4)
Step (5)
Step (6)
Step (7)
Step (8)
Step (5)
Step (6)
Step (7)
Step (8)
(Wait until XIN clock oscillation stabilizes)
Step (1)
Step (2)
Step (3)
If it is necessary to start
the high-speed clock or
the high-speed on-chip
oscillator in the interrupt
routine, execute steps (5)
to (7) in the interrupt
routine.
If the high-speed clock or
high-speed on-chip
oscillator is started in the
interrupt routine, execute
steps (1) to (3) at the last of
the interrupt routine.
(Note 1)
Interrupt handling
VCA20: Bit in VCA2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com