| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F212F2DFP Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F212F2DFP Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 354 page ![]() R8C/2E Group, R8C/2F Group 1. Overview Rev.1.00 Dec 14, 2007 Page 5 of 332 REJ09B0349-0100 NOTE: 1. Specify the D version if D version functions are to be used. Table 1.4 Specifications for R8C/2F Group (2) Item Specification Flash Memory • Programming and erasure voltage: VCC = 2.7 to 5.5 V • Programming and erasure endurance: 10,000 times (data flash) 1,000 times (program ROM) • Program security: ROM code protect, ID code check • Debug functions: On-chip debug, on-board flash rewrite function Operating Frequency/Supply Voltage f(XIN) = 20 MHz (VCC = 3.0 to 5.5 V), f(XIN) = 10 MHz (VCC = 2.7 to 5.5 V) Current consumption Typ. 10 mA (VCC = 5.0 V, f(XIN) = 20 MHz) Typ. 6 mA (VCC = 3.0 V, f(XIN) = 10 MHz) Typ. 23 µA (VCC = 3.0 V, wait mode (peripheral clock off)) Typ. 0.7 µA (VCC = 3.0 V, stop mode) Operating Ambient Temperature -20 to 85 °C (N version) -40 to 85 °C (D version)(1) Package 32-pin LQFP Package code: PLQP0032GB-A (previous code: 32P6U-A) |