| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 525 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 525 Page - Renesas Technology Corp |
|
525 / 646 page ![]() Section 19 User Debugging Interface (H-UDI) HUD0301A_000020030900 Rev. 6.00 Jun. 12, 2007 Page 493 of 610 REJ09B0131-0600 Section 19 User Debugging Interface (H-UDI) This LSI incorporates a user debugging interface (H-UDI) to provide a boundary scan function and emulator support. This section describes the boundary scan function of the H-UDI. For details on emulator functions of the H-UDI, refer to the user's manual of the relevant emulator. 19.1 Features The H-UDI is a serial I/O interface which conforms to JTAG (Joint Test Action Group, IEEE Standard 1149.1 and IEEE Standard Test Access Port and Boundary-Scan Architecture) specifications. The H-UDI in this LSI supports a boundary scan function, and is also used for emulator connection. When using an emulator, H-UDI functions should not be used. Refer to the emulator manual for the method of connecting the emulator. |