Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 527 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 523Page - Renesas Technology Corp HD6417618A Datasheet HTML 524Page - Renesas Technology Corp HD6417618A Datasheet HTML 525Page - Renesas Technology Corp HD6417618A Datasheet HTML 526Page - Renesas Technology Corp HD6417618A Datasheet HTML 527Page - Renesas Technology Corp HD6417618A Datasheet HTML 528Page - Renesas Technology Corp HD6417618A Datasheet HTML 529Page - Renesas Technology Corp HD6417618A Datasheet HTML 530Page - Renesas Technology Corp HD6417618A Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 646 page
background image
Section 19 User Debugging Interface (H-UDI)
Rev. 6.00 Jun. 12, 2007 Page 495 of 610
REJ09B0131-0600
19.2
Input/Output Pins
Table 19.1 shows the pin configuration of the H-UDI.
Table 19.1
Pin Configuration
Abbr.
Input/Output
Description
TCK
Input
Serial Data Input/Output Clock Pin
Data is serially supplied to the H-UDI from the data input pin
(TDI) and output from the data output pin (TDO) in
synchronization with this clock.
TMS
Input
Mode Select Input Pin
The state of the TAP control circuit is determined by changing
this signal in synchronization with TCK. The protocol conforms
to the JTAG standard (IEEE Std.1149.1).
TRST
Input
Reset Input Pin
Input is accepted asynchronously with respect to TCK, and
when low, the H-UDI is reset.
TRST must be low for the given
period when the power is turned on regardless of using the H-
UDI function. This is different from the JTAG standard.
For details on resets, see section 19.4.2, Reset Configuration.
TDI
Input
Serial Data Input Pin
Data transfer to the H-UDI is executed by changing this signal
in synchronization with TCK.
TDO
Output
Serial Data Output Pin
Data read from the H-UDI is executed by reading this pin in
synchronization with TCK. The data output timing depends on
the command type set in SDIR. For details, see section 19.3.2,
Instruction Register (SDIR).
ASEMD
Input
ASE Mode Select Pin
When a low level is input to the
ASEMD pin, ASE mode is
entered; if a high level is input, normal mode is entered. In ASE
mode, the emulator functions can be used. The input level on
the
ASEMD pin should be held unchanged except during the
RES pin assertion period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com