Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 109 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 105Page - Renesas Technology Corp HD6417618A Datasheet HTML 106Page - Renesas Technology Corp HD6417618A Datasheet HTML 107Page - Renesas Technology Corp HD6417618A Datasheet HTML 108Page - Renesas Technology Corp HD6417618A Datasheet HTML 109Page - Renesas Technology Corp HD6417618A Datasheet HTML 110Page - Renesas Technology Corp HD6417618A Datasheet HTML 111Page - Renesas Technology Corp HD6417618A Datasheet HTML 112Page - Renesas Technology Corp HD6417618A Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 77 of 610
REJ09B0131-0600
5.7
Stack States after Exception Handling Ends
The stack states after exception handling ends are shown in table 5.11.
Table 5.11
Stack Status after Exception Handling Ends
Types
Stack State
Address error (when the instruction
that caused an exception is placed in
the delay slot)
SP
Address of
delayed branch instruction
SR
→
32 bits
32 bits
Address error (other than above)
SP
SR
→
32 bits
32 bits
Address of instruction that
caused exception
Interrupt
SP
SR
→
32 bits
32 bits
Address of instruction
after executed instruction
Trap instruction
SP
SR
→
32 bits
32 bits
Address of instruction
after TRAPA instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More