Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 112 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 108Page - Renesas Technology Corp HD6417618A Datasheet HTML 109Page - Renesas Technology Corp HD6417618A Datasheet HTML 110Page - Renesas Technology Corp HD6417618A Datasheet HTML 111Page - Renesas Technology Corp HD6417618A Datasheet HTML 112Page - Renesas Technology Corp HD6417618A Datasheet HTML 113Page - Renesas Technology Corp HD6417618A Datasheet HTML 114Page - Renesas Technology Corp HD6417618A Datasheet HTML 115Page - Renesas Technology Corp HD6417618A Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 80 of 610
REJ09B0131-0600
Compiler
This instruction is not allocated in the delay slot in the compiler V.4 or later versions.
Real-time OS for
µITRON specifications
1. HI7000/4, HI-SH7
This instruction does not exist in the delay slot within the OS.
2. HI7000
This instruction is in part allocated to the delay slot within the OS, which may cause the slot
illegal instruction exception handling in this LSI.
3. Others
The slot illegal instruction exception handling may be generated in this LSI in case where the
instruction is described in assembler or when the middleware of the object is introduced.
Note that a check-up program (checker) to pick up this instruction is available on our website.
Download and utilize this checker as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More