| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 148 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 148 Page - Renesas Technology Corp |
|
148 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 116 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 27 0 R Reserved This bit is always read as 0. The write value should always be 0. 26 25 IWRWD1 IWRWD0 1 1 R/W R/W Idle Cycles for Another Space Read-Write Specify the number of idle cycles to be inserted after the access to a memory that is connected to the area. The read and write cycles which are performed consecutively and are accessed to different areas are the target cycle. 000: No idle cycle inserted 001: 1 idle cycles inserted 010: 2 idle cycles inserted 011: 4 idle cycles inserted 24 0 R Reserved This bit is always read as 0. The write value should always be 0. 23 22 IWRWS1 IWRWS0 1 1 R/W R/W Idle Cycles for Read-Write in Same Space Specify the number of idle cycles to be inserted after the access to a memory that is connected to the area. The read and write cycles which are performed consecutively and are accessed to the same area are the target cycle. 000: No idle cycle inserted 001: 1 idle cycles inserted 010: 2 idle cycles inserted 011: 4 idle cycles inserted 21 0 R Reserved This bit is always read as 0. The write value should always be 0. |