| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 150 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 150 Page - Renesas Technology Corp |
|
150 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 118 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 15 14 13 12 TYPE3 TYPE2 TYPE1 TYPE0 0 0 0 0 R/W R/W R/W R/W Memory Type Specify the type of memory connected to the area. 0000: Normal space 0001: Reserved (setting prohibited) 0010: Reserved (setting prohibited) 0011: Byte-selection SRAM 0100: SDRAM 0101: PCMCIA 0110: Reserved (setting prohibited) 0111: Reserved (setting prohibited) 1000: Reserved (setting prohibited) 1001: Reserved (setting prohibited) 1010: Reserved (setting prohibited) 1011: Reserved (setting prohibited) 1100: Reserved (setting prohibited) 1101: Reserved (setting prohibited) 1110: Reserved (setting prohibited) 1111: Reserved (setting prohibited) For details on memory type in each area, see tables 7.2 and 7.3. 11 0 R Reserved This bit is always read as 0. The write value should always be 0. |