Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 154 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 150Page - Renesas Technology Corp HD6417618A Datasheet HTML 151Page - Renesas Technology Corp HD6417618A Datasheet HTML 152Page - Renesas Technology Corp HD6417618A Datasheet HTML 153Page - Renesas Technology Corp HD6417618A Datasheet HTML 154Page - Renesas Technology Corp HD6417618A Datasheet HTML 155Page - Renesas Technology Corp HD6417618A Datasheet HTML 156Page - Renesas Technology Corp HD6417618A Datasheet HTML 157Page - Renesas Technology Corp HD6417618A Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 122 of 610
REJ09B0131-0600
• CS3WCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20
BAS
0
R/W
Byte Access Selection for Byte-Selection SRAM
Specifies the
WEn (BEn) and RD/WR signal timing when
the byte-selection SRAM interface is used.
0: Asserts the
WEn (BEn) signal at the read/write timing
(signal used as strobe) and asserts the RD/
WR signal
during the write access cycle (signal used as status)
1: Asserts the
WEn (BEn) signal during the read/write
access cycle (used as status) and asserts the RD/
WR
signal at the write timing (used as strobe)
19 to 11
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
10
9
8
7
WR3
WR2
WR1
WR0
1
0
1
0
R/W
R/W
R/W
R/W
Number of Access Wait Cycles
Specify the number of wait cycles that are necessary for
read access.
0000: 0 cycle
0001: 1 cycle
0010: 2 cycles
0011: 3 cycles
0100: 4 cycles
0101: 5 cycles
0110: 6 cycles
0111: 8 cycles
1000: 10 cycles
1001: 12 cycles
1010: 14 cycles
1011: 18 cycles
1100: 24 cycles
1101: Reserved (setting prohibited)
1110: Reserved (setting prohibited)
1111: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More