Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 169 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 165Page - Renesas Technology Corp HD6417618A Datasheet HTML 166Page - Renesas Technology Corp HD6417618A Datasheet HTML 167Page - Renesas Technology Corp HD6417618A Datasheet HTML 168Page - Renesas Technology Corp HD6417618A Datasheet HTML 169Page - Renesas Technology Corp HD6417618A Datasheet HTML 170Page - Renesas Technology Corp HD6417618A Datasheet HTML 171Page - Renesas Technology Corp HD6417618A Datasheet HTML 172Page - Renesas Technology Corp HD6417618A Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 137 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
4
3
A3ROW1
A3ROW0
0
0
R/W
R/W
Number of Bits of Row Address for Area 3
Specify the number of bits of the row address for area 3.
00: 11 bits
01: 12 bits
10: 13 bits
11: Reserved (setting prohibited)
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
0
A3COL1
A3COL0
0
0
R/W
R/W
Number of Bits of Column Address for Area 3
Specify the number of bits of the column address for
area 3.
00: 8 bits
01: 9 bits
10: 10 bits
11: Reserved (setting prohibited)
7.4.5
Refresh Timer Control/Status Register (RTCSR)
RTCSR specifies various items about refresh for SDRAM.
When RTCSR is written to, the upper 16 bits of the write data must be H'A55A to cancel write
protection.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More