| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 170 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 170 Page - Renesas Technology Corp |
|
170 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 138 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 7 CMF 0 R/W Compare Match Flag Indicates that a compare match occurs between the refresh timer counter (RTCNT) and refresh time constant register (RTCOR). [Clearing condition] When 0 is written to this bit after reading RTCSR with CMF = 1. [Setting condition] When RTCNT value matches RTCOR value 6 0 R Reserved This bit is always read as 0. The write value should always be 0. 5 4 3 CKS2 CKS1 CKS0 0 0 0 R/W R/W R/W Clock Select Select the clock input to count-up the refresh timer counter (RTCNT). 000: Stop the counting-up 001: B φ/4 010: B φ/16 011: B φ/64 100: B φ/256 101: B φ/1024 110: B φ/2048 111: B φ/4096 |