| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 249 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 249 Page - Renesas Technology Corp |
|
249 / 646 page ![]() Section 10 Power-Down Modes Rev. 6.00 Jun. 12, 2007 Page 217 of 610 REJ09B0131-0600 10.2 Input/Output Pins Table 10.2 lists the pins used for the power-down modes. Table 10.2 Pin Configuration Pin Name Abbr. I/O Description Reset input pin RES Input Reset input signal. Reset by low level. 10.3 Register Descriptions There are following registers used for the power-down modes. For details on the addresses of these registers and the states of these registers in each processing state, see section 20, List of Registers. • Standby control register (STBCR) • Standby control register 2 (STBCR2) • Standby control register 3 (STBCR3) • Standby control register 4 (STBCR4) |