Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 251 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 247Page - Renesas Technology Corp HD6417618A Datasheet HTML 248Page - Renesas Technology Corp HD6417618A Datasheet HTML 249Page - Renesas Technology Corp HD6417618A Datasheet HTML 250Page - Renesas Technology Corp HD6417618A Datasheet HTML 251Page - Renesas Technology Corp HD6417618A Datasheet HTML 252Page - Renesas Technology Corp HD6417618A Datasheet HTML 253Page - Renesas Technology Corp HD6417618A Datasheet HTML 254Page - Renesas Technology Corp HD6417618A Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 646 page
background image
Section 10 Power-Down Modes
Rev. 6.00 Jun. 12, 2007 Page 219 of 610
REJ09B0131-0600
10.3.2
Standby Control Register 2 (STBCR2)
STBCR2 is an 8-bit readable/writable register that controls the operation of modules in power-
down mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
MSTP10
0
R/W
Module Stop Bit 10
When this bit is set to 1, the supply of the clock to
the H-UDI is halted.
0: H-UDI operates
1: Clock supply to H-UDI halted
6
MSTP9
0
R/W
Module Stop Bit 9
When this bit is set to 1, the supply of the clock to
the UBC is halted.
0: UBC operates
1: Clock supply to UBC halted
5 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
MSTP5
0
R/W
Module Stop Bit 5
When this bit is set to 1, the supply of the clock to
the cache memory is halted.
0: Cache memory operates
1: Clock supply to cache memory halted
1
MSTP4
0
R/W
Module Stop Bit 4
When this bit is set to 1, the supply of the clock to
the U memory is halted.
0: U memory operates
1: Clock supply to the U memory halted
0
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com