Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 327 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 323Page - Renesas Technology Corp H8S/2111B Datasheet HTML 324Page - Renesas Technology Corp H8S/2111B Datasheet HTML 325Page - Renesas Technology Corp H8S/2111B Datasheet HTML 326Page - Renesas Technology Corp H8S/2111B Datasheet HTML 327Page - Renesas Technology Corp H8S/2111B Datasheet HTML 328Page - Renesas Technology Corp H8S/2111B Datasheet HTML 329Page - Renesas Technology Corp H8S/2111B Datasheet HTML 330Page - Renesas Technology Corp H8S/2111B Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 582 page
background image
Rev. 1.00, 05/04, page 293 of 544
Bit
Bit Name
Initial
Value
R/W
Description
1
IRIC
0
R/(W)*
Clocked synchronous serial format mode:
• At the end of data transfer (rise of the 8th
transmit/receive)
• When a start condition is detected
When the ICDRE or ICDRF flag is set to 1 in any
operating mode:
• When a start condition is detected in transmit mode
(when a start condition is detected in transmit mode
and the ICDRE flag is set to 1)
• When data is transferred among ICDR and buffer
(when data is transferred from ICDRT to ICDRS in
transmit mode and the ICDRE flag is set to 1, or
when data is transferred from ICDRS to ICDRR in
receive mode and the ICDRF flag is set to 1)
[Clearing conditions]
• When 0 is written in IRIC after reading IRIC = 1
Note:
*
Only 0 can be written, to clear the flag.
When, with the I
2C bus format selected, IRIC is set to 1 and an interrupt is generated, other flags
must be checked in order to identify the source that set IRIC to 1. Although each source has a
corresponding flag, caution is needed at the end of a transfer.
When the ICDRE or ICDRF flag is set, the IRTR flag may or may not be set. The IRTR flag is not
set at the end of a data transfer up to detection of a retransmission start condition or stop condition
after a slave address (SVA) or general call address match in I
2C bus format slave mode.
Tables 13.4 and 13.5 show the relationship between the flags and the transfer states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com