Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 323 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 319Page - Renesas Technology Corp H8S/2111B Datasheet HTML 320Page - Renesas Technology Corp H8S/2111B Datasheet HTML 321Page - Renesas Technology Corp H8S/2111B Datasheet HTML 322Page - Renesas Technology Corp H8S/2111B Datasheet HTML 323Page - Renesas Technology Corp H8S/2111B Datasheet HTML 324Page - Renesas Technology Corp H8S/2111B Datasheet HTML 325Page - Renesas Technology Corp H8S/2111B Datasheet HTML 326Page - Renesas Technology Corp H8S/2111B Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 582 page
background image
Rev. 1.00, 05/04, page 289 of 544
13.3.5
I
2C Bus Control Register (ICCR)
ICCR controls the I
2C bus interface and performs interrupt flag confirmation.
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: I
2C bus interface modules are stopped and I2C bus
interface module internal state is initialized. SAR and
SARX can be accessed.
1: I
2C bus interface modules can perform transfer
operation, and the ports function as the SCL and SDA
input/output pins. ICMR and ICDR can be accessed.
6
IEIC
0
R/W
I
2C Bus Interface Interrupt Enable
0: Disables interrupts from the I
2C bus interface to the
CPU
1: Enables interrupts from the I
2C bus interface to the
CPU.
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
MST
TRS
0
0
: Slave receive mode
0
1
: Slave transmit mode
1
0
: Master receive mode
1
1
: Master transmit mode
Both these bits will be cleared by hardware when they
lose in a bus contention in master mode with the I
2C bus
format. In slave receive mode with I
2C bus format, the
R/W bit in the first frame immediately after the start
condition sets these bits in receive mode or transmit
mode automatically by hardware.
Modification of the TRS bit during transfer is deferred
until transfer is completed, and the changeover is made
after completion of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com