Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 325 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 321Page - Renesas Technology Corp H8S/2111B Datasheet HTML 322Page - Renesas Technology Corp H8S/2111B Datasheet HTML 323Page - Renesas Technology Corp H8S/2111B Datasheet HTML 324Page - Renesas Technology Corp H8S/2111B Datasheet HTML 325Page - Renesas Technology Corp H8S/2111B Datasheet HTML 326Page - Renesas Technology Corp H8S/2111B Datasheet HTML 327Page - Renesas Technology Corp H8S/2111B Datasheet HTML 328Page - Renesas Technology Corp H8S/2111B Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 582 page
background image
Rev. 1.00, 05/04, page 291 of 544
Bit
Bit Name
Initial
Value
R/W
Description
2
0
BBSY
SCP
0
1
R/W*
W
Bus Busy
Start Condition/Stop Condition Prohibit
In master mode:
• Writing 0 in BBSY and 0 in SCP: A stop condition is
issued
• Writing 1 in BBSY and 0 in SCP: A start condition
and a restart condition are issued
In slave mode:
• Writing to the BBSY flag is disabled.
[BBSY setting condition]
When the SDA level changes from high to low under the
condition of SCL = high, assuming that the start condition
has been issued.
[BBSY clearing condition]
When the SDA level changes from low to high under the
condition of SCL = high, assuming that the stop condition
has been issued.
To issue a start/stop condition, use the MOV instruction.
The I
2C bus interface must be set in master transmit
mode before the issue of a start condition. Set MST to 1
and TRS to 1 before writing 1 in BBSY and 0 in SCP.
The BBSY flag can be read to check whether the I
2C bus
(SCL, SDA) is busy or free.
The SCP bit is always read as 1. If 0 is written, the data
is not stored.
Note:
*
The value in BBSY flag does not change even if written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com