Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 332 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 328Page - Renesas Technology Corp H8S/2111B Datasheet HTML 329Page - Renesas Technology Corp H8S/2111B Datasheet HTML 330Page - Renesas Technology Corp H8S/2111B Datasheet HTML 331Page - Renesas Technology Corp H8S/2111B Datasheet HTML 332Page - Renesas Technology Corp H8S/2111B Datasheet HTML 333Page - Renesas Technology Corp H8S/2111B Datasheet HTML 334Page - Renesas Technology Corp H8S/2111B Datasheet HTML 335Page - Renesas Technology Corp H8S/2111B Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 582 page
background image
Rev. 1.00, 05/04, page 298 of 544
Bit
Bit Name
Initial
Value
R/W
Description
4
AASX
0
R/(W)*
Second Slave Address Recognition Flag
In I
2C bus format slave receive mode, this flag is set to
1 if the first frame following a start condition matches
bits SVAX6 to SVAX0 in SARX.
[Setting condition]
When the second slave address is detected in slave
receive mode and FSX = 0 in SARX
[Clearing conditions]
• When 0 is written in AASX after reading AASX = 1
• When a start condition is detected
• In master mode
3
AL
0
R/(W)*
Arbitration Lost Flag
Indicates that arbitration was lost in master mode.
[Setting conditions]
When ALSL = 0
• If the internal SDA and SDA pin disagree at the
rise of SCL in master transmit mode
• If the internal SCL line is high at the fall of SCL in
master transmit mode
When ALSL = 1
• If the internal SDA and SDA pin disagree at the
rise of SCL in master transmit mode
• If the SDA pin is driven low by another device
before the I
2C bus interface drives the SDA pin
low, after the start condition instruction was
executed in master transmit mode
[Clearing conditions]
• When ICDR is written to (transmit mode) or read
from (receive mode)
• When 0 is written in AL after reading AL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com