Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 334 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 330Page - Renesas Technology Corp H8S/2111B Datasheet HTML 331Page - Renesas Technology Corp H8S/2111B Datasheet HTML 332Page - Renesas Technology Corp H8S/2111B Datasheet HTML 333Page - Renesas Technology Corp H8S/2111B Datasheet HTML 334Page - Renesas Technology Corp H8S/2111B Datasheet HTML 335Page - Renesas Technology Corp H8S/2111B Datasheet HTML 336Page - Renesas Technology Corp H8S/2111B Datasheet HTML 337Page - Renesas Technology Corp H8S/2111B Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 582 page
background image
Rev. 1.00, 05/04, page 300 of 544
Bit
Bit Name
Initial
Value
R/W
Description
0
ACKB
0
R/W
Acknowledge Bit
Stores acknowledge data.
Transmit mode:
[Setting condition]
When 1 is received as the acknowledge bit when ACKE
= 1 in transmit mode
[Clearing conditions]
• When 0 is received as the acknowledge bit when
ACKE = 1 in transmit mode
• When 0 is written to the ACKE bit
Receive mode:
0: Returns 0 as acknowledge data after data reception
1: Returns 1 as acknowledge data after data reception
When this bit is read, the value loaded from the bus line
(returned by the receiving device) is read in
transmission (when TRS = 1). In reception (when TRS
= 0), the value set by internal software is read.
When this bit is written, acknowledge data that is
returned after receiving is rewritten regardless of the
TRS value. If bit in ICSR is written using bit-
manipulation instructions, the acknowledge data should
be re-set since the acknowledge data setting is
rewritten by the ACKB bit reading value.
Write the ACKE bit to 0 to clear the ACKB flag to 0,
before transmission is ended and a stop condition is
issued in master mode, or before transmission is ended
and SDA is released to issue a stop condition by a
master device.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com