Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 336 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 332Page - Renesas Technology Corp H8S/2111B Datasheet HTML 333Page - Renesas Technology Corp H8S/2111B Datasheet HTML 334Page - Renesas Technology Corp H8S/2111B Datasheet HTML 335Page - Renesas Technology Corp H8S/2111B Datasheet HTML 336Page - Renesas Technology Corp H8S/2111B Datasheet HTML 337Page - Renesas Technology Corp H8S/2111B Datasheet HTML 338Page - Renesas Technology Corp H8S/2111B Datasheet HTML 339Page - Renesas Technology Corp H8S/2111B Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 582 page
background image
Rev. 1.00, 05/04, page 302 of 544
13.3.8
I
2C Bus Extended Control Register (ICXR)
ICXR enables or disables the I
2C bus interface interrupt generation and continuous receive
operation, and indicates the status of receive/transmit operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
STOPIM
0
R/W
Stop Condition Interrupt Source Mask
Enables or disables the interrupt generation when the
stop condition is detected in slave mode.
0: Enables IRIC flag setting and interrupt generation
when the stop condition is detected (STOP = 1 or
ESTP = 1) in slave mode.
1: Disables IRIC flag setting and interrupt generation
when the stop condition is detected.
6
HNDS
0
R/W
Handshake Receive Operation Select
Enables or disables continuous receive operation in
receive mode.
0: Enables continuous receive operation
1: Disables continuous receive operation
When the HNDS bit is cleared to 0, receive operation is
performed continuously after data has been received
successfully while ICDRF flag is 0.
When the HNDS bit is set to 1, SCL is fixed to the low
level and the next data transfer is disabled after data
has been received successfully while the ICDRF flag is
0. The bus line is released and next receive operation is
enabled by reading the receive data in ICDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com