| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 369 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 369 Page - Renesas Technology Corp |
|
369 / 582 page ![]() Rev. 1.00, 05/04, page 335 of 544 13.4.9 Initialization of Internal State The IIC has a function for forcible initialization of its internal state if a deadlock occurs during communication. Initialization is executed in accordance with the setting of bits CLR3 to CLR0 in DDCSWR or clearing ICE bit. For details on the setting of bits CLR3 to CLR0, see section 13.3.7, DDC Switch Register (DDCSWR). Scope of Initialization: The initialization executed by this function covers the following items: • ICDRE and ICDRF internal flags • Transmit/receive sequencer and internal operating clock counter • Internal latches for retaining the output state of the SCL and SDA pins (wait, clock, data output, etc.) The following items are not initialized: • Actual register values (ICDR, SAR, SARX, ICMR, ICCR, ICSR, ICXR (except for the ICDRE and ICDRF flags), and PGCTL) • Internal latches used to retain register read information for setting/clearing flags in ICMR, ICCR, and ICSR • The value of the ICMR bit counter (BC2 to BC0) • Generated interrupt sources (interrupt sources transferred to the interrupt controller) Notes on Initialization: • Interrupt flags and interrupt sources are not cleared, and so flag clearing measures must be taken as necessary. • Basically, other register flags are not cleared either, and so flag clearing measures must be taken as necessary. • When initialization is executed by DDCSWR, the write data for bits CLR3 to CLR0 is not retained. To perform IIC clearance, bits CLR3 to CLR0 must be written to simultaneously using an MOV instruction. Do not use a bit manipulation instruction such as BCLR. • Similarly, when clearing is required again, all the bits must be written to simultaneously in accordance with the setting. • If a flag clearing setting is made during transmission/reception, the IIC module will stop transmitting/receiving at that point and the SCL and SDA pins will be released. When transmission/reception is started again, register initialization, etc., must be carried out as necessary to enable correct communication as a system. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |