Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 372 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 368Page - Renesas Technology Corp H8S/2111B Datasheet HTML 369Page - Renesas Technology Corp H8S/2111B Datasheet HTML 370Page - Renesas Technology Corp H8S/2111B Datasheet HTML 371Page - Renesas Technology Corp H8S/2111B Datasheet HTML 372Page - Renesas Technology Corp H8S/2111B Datasheet HTML 373Page - Renesas Technology Corp H8S/2111B Datasheet HTML 374Page - Renesas Technology Corp H8S/2111B Datasheet HTML 375Page - Renesas Technology Corp H8S/2111B Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 582 page
background image
Rev. 1.00, 05/04, page 338 of 544
5. The I
2C bus interface specification for the SCL rise time t
sr is 1000 ns or less (300 ns for high-
speed mode). In master mode, the I
2C bus interface monitors the SCL line and synchronizes
one bit at a time during communication. If t
sr (the time for SCL to go from low to VIH) exceeds
the time determined by the input clock of the I
2C bus interface, the high period of SCL is
extended. The SCL rise time is determined by the pull-up resistance and load capacitance of
the SCL line. To insure proper operation at the set transfer rate, adjust the pull-up resistance
and load capacitance so that the SCL rise time does not exceed the values given in table 13.9.
Table 13.9
Permissible SCL Rise Time (t
sr) Values
Time Indication [ns]
IICX
t
cyc Indication
I
2C Bus
Specification
(Max.)
φ =
5 MHz
φ =
8 MHz
φ =
10 MHz
Standard mode
1000
1000
937
750
0
7.5 t
cyc
High-speed mode 300
300
300
300
Standard mode
1000
1000
1000
1000
1
17.5 t
cyc
High-speed mode 300
300
300
300
6. The I
2C bus interface specifications for the SCL and SDA rise and fall times are under 1000 ns
and 300 ns. The I
2C bus interface SCL and SDA output timing is prescribed by t
cyc, as shown in
table 13.8. However, because of the rise and fall times, the I
2C bus interface specifications may
not be satisfied at the maximum transfer rate. Table 13.10 shows output timing calculations for
different operating frequencies, including the worst-case influence of rise and fall times.
t
BUFO fails to meet the I
2C bus interface specifications at any frequency. The solution is either (a)
to provide coding to secure the necessary interval (approximately 1 µs) between issuance of a
stop condition and issuance of a start condition, or (b) to select devices whose input timing
permits this output timing for use as slave devices connected to the I
2C bus.
t
SCLLO in high-speed mode and tSTASO in standard mode fail to satisfy the I
2C bus interface
specifications for worst-case calculations of t
Sr/tSf. Possible solutions that should be investigated
include (a) adjusting the rise and fall times by means of a pull-up resistor and capacitive load,
(b) reducing the transfer rate to meet the specifications, or (c) selecting devices whose input
timing permits this output timing for use as slave devices connected to the I
2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com