Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 371 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 367Page - Renesas Technology Corp H8S/2111B Datasheet HTML 368Page - Renesas Technology Corp H8S/2111B Datasheet HTML 369Page - Renesas Technology Corp H8S/2111B Datasheet HTML 370Page - Renesas Technology Corp H8S/2111B Datasheet HTML 371Page - Renesas Technology Corp H8S/2111B Datasheet HTML 372Page - Renesas Technology Corp H8S/2111B Datasheet HTML 373Page - Renesas Technology Corp H8S/2111B Datasheet HTML 374Page - Renesas Technology Corp H8S/2111B Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 582 page
background image
Rev. 1.00, 05/04, page 337 of 544
13.6
Usage Notes
1. In master mode, if an instruction to generate a start condition is issued and then an instruction
to generate a stop condition is issued before the start condition is output to the I
2C bus, neither
condition will be output correctly. To output the start condition followed by the stop condition,
after issuing the instruction that generates the start condition, read DR in each I
2C bus output
pin, and check that SCL and SDA are both low. The pin states can be monitored by reading
DR even if the ICE bit is set to 1. Then issue the instruction that generates the stop condition.
Note that SCL may not yet have gone low when BBSY is cleared to 0.
2. Either of the following two conditions will start the next transfer. Pay attention to these
conditions when accessing to ICDR.
 Write to ICDR when ICE = 1 and TRS = 1 (including automatic transfer from ICDRT to
ICDRS)
 Read from ICDR when ICE = 1 and TRS = 0 (including automatic transfer from ICDRS to
ICDRR)
3. Table 13.8 shows the timing of SCL and SDA outputs in synchronization with the internal
clock. Timings on the bus are determined by the rise and fall times of signals affected by the
bus load capacitance, series resistance, and parallel resistance.
Table 13.8
I
2C Bus Timing (SCL and SDA Outputs)
Item
Symbol
Output Timing
Unit
Notes
SCL output cycle time
t
SCLO
28t
cyc to 256tcyc
ns
SCL output high pulse width
t
SCLHO
0.5t
SCLO
ns
SCL output low pulse width
t
SCLLO
0.5t
SCLO
ns
SDA output bus free time
t
BUFO
0.5t
SCLO – 1tcyc
ns
Start condition output hold time
t
STAHO
0.5t
SCLO – 1tcyc
ns
Retransmission start condition output
setup time
t
STASO
1t
SCLO
ns
Stop condition output setup time
t
STOSO
0.5t
SCLO + 2tcyc
ns
Data output setup time (master)
1t
SCLLO – 3tcyc
Data output setup time (slave)
t
SDASO
1t
SCLL – (6tcyc or 12tcyc*)
ns
Data output hold time
t
SDAHO
3t
cyc
ns
See figure
22.22.
Note:
*
6t
cyc when IICX is 0, 12tcyc when 1.
4. SCL and SDA inputs are sampled in synchronization with the internal clock. The AC timing
therefore depends on the system clock cycle t
cyc, as shown in section 22, Electrical
Characteristics. Note that the I
2C bus interface AC timing specifications will not be met with a
system clock frequency of less than 5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com