Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 395 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 391Page - Renesas Technology Corp H8S/2111B Datasheet HTML 392Page - Renesas Technology Corp H8S/2111B Datasheet HTML 393Page - Renesas Technology Corp H8S/2111B Datasheet HTML 394Page - Renesas Technology Corp H8S/2111B Datasheet HTML 395Page - Renesas Technology Corp H8S/2111B Datasheet HTML 396Page - Renesas Technology Corp H8S/2111B Datasheet HTML 397Page - Renesas Technology Corp H8S/2111B Datasheet HTML 398Page - Renesas Technology Corp H8S/2111B Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 582 page
background image
Rev. 1.00, 05/04, page 361 of 544
14.4.4
KCLKI and KDI Read Timing
Figure 14.9 shows the KCLKI and KDI read timing.
T
1
T
2
φ*
Internal read
signal
KCLK, KD
(pin state)
KCLKI, KDI
(register)
Internal data bus
(read data)
Note: *
The
φ clock shown here is scaled by 1/N in medium-speed mode when the operating mode is active mode.
Figure 14.9 KCLKI and KDI Read Timing
14.4.5
KCLKO and KDO Write Timing
Figure 14.10 shows the KLCKO and KDO write timing and the KCLK and KD pin states.
Internal write
signal
φ*
KCLKO, KDO
(register)
KCLK, KD
(pin state)
Note: *
The
φ clock shown here is scaled by 1/N in medium-speed mode when the operating mode is active mode.
T
1
T
2
Figure 14.10 KCLKO and KDO Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com