Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 391 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 387Page - Renesas Technology Corp H8S/2111B Datasheet HTML 388Page - Renesas Technology Corp H8S/2111B Datasheet HTML 389Page - Renesas Technology Corp H8S/2111B Datasheet HTML 390Page - Renesas Technology Corp H8S/2111B Datasheet HTML 391Page - Renesas Technology Corp H8S/2111B Datasheet HTML 392Page - Renesas Technology Corp H8S/2111B Datasheet HTML 393Page - Renesas Technology Corp H8S/2111B Datasheet HTML 394Page - Renesas Technology Corp H8S/2111B Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 582 page
background image
Rev. 1.00, 05/04, page 357 of 544
Start
Set KBIOE bit
KCLKI = 0?
Read KBCRH
KCLKI
and KDI bits both
1?
Set I/O inhibit (KCLKO = 0)
KBE = 0
(KBBR reception prohibited)
KDO remains at 1
Wait
Set start bit (KDO = 0)
Set I/O inhibit (KCLKO = 1)
KCLKO remains at 0
KDO remains at 0
i = 0
Read KBCRH
Set transmit data
(KDO = D(i))
Read KBCRH
KCLKI = 1?
i = i + 1
i
> 9?
Read KBCRH
KCLKI = 1?
Yes
No
i = 0 to 7: Transmit data
i = 8: Parity bit
i = 9: Stop bit
No
Yes
Yes
Yes
Yes
No
No
No
1
2
[1] Set the KBE bit to 1 in KBCRH.
[2] Read KBCRH, and if the KCLKI and KDI
bits are both 1, write 0 in the KCLKO bit
(set I/O inhibit).
[3] Write 0 in the KBE bit (prohibit KBBR
receive operation).
[4] Write 0 in the KDO bit (set start bit).
[5] Write 1 in the KCLKO bit (clear I/O inhibit).
[6] Read KBCRH, and when KCLKI = 0, set
the transmit data in the KDO bit (LSB-
first). Next, set the parity bit and stop bit in
the KDO bit.
[7] After transmitting the stop bit, read KBCRL
and confirm that KDI = 0 (receive
completed notification from the keyboard).
[8] Read KBCRH. Confirm that the KCLKI
and KDI bits are both 1.
The transmit operation can be continued by
repeating steps [2] to [8].
[1]
[2]
[3]
[4]
[5]
[6]
(Continued on
next page)
(Continued on next page)
Figure 14.5
Sample Transmit Processing Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com