Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 392 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 388Page - Renesas Technology Corp H8S/2111B Datasheet HTML 389Page - Renesas Technology Corp H8S/2111B Datasheet HTML 390Page - Renesas Technology Corp H8S/2111B Datasheet HTML 391Page - Renesas Technology Corp H8S/2111B Datasheet HTML 392Page - Renesas Technology Corp H8S/2111B Datasheet HTML 393Page - Renesas Technology Corp H8S/2111B Datasheet HTML 394Page - Renesas Technology Corp H8S/2111B Datasheet HTML 395Page - Renesas Technology Corp H8S/2111B Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 582 page
background image
Rev. 1.00, 05/04, page 358 of 544
Read KBCRH
Transmit end state
(KCLK = high, KD = high)
Yes
Note: * To switch to reception after transmission, set KBE to 1 (KBBR receive enable) while KCLKI is low.
1
KCLKI = 0?
No
KDI = 0?
Read KBCRH
KCLK = 1?
Yes
Yes
No
No
Error handling
To receive operation or
transmit operation
Keyboard side in data
transmission state.
Execute receive abort
processing.
2
*
[7]
[8]
Figure 14.5 Sample Transmit Processing Flowchart (2)
1
01
01
7
7
28
9
10
11
KCLK
(pin state)
KD
(pin state)
KCLK
(output)
KD
(output)
KCLK
(input)
KD
(input)
Start bit
Start bit
Parity bit
Stop bit
Parity bit
Stop bit
I/O inhibit
Receive
completed
notification
[1]
[2] [3]
[4] [5]
[6]
[7]
[8]
Figure 14.6 Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com