Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 416 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 412Page - Renesas Technology Corp H8S/2111B Datasheet HTML 413Page - Renesas Technology Corp H8S/2111B Datasheet HTML 414Page - Renesas Technology Corp H8S/2111B Datasheet HTML 415Page - Renesas Technology Corp H8S/2111B Datasheet HTML 416Page - Renesas Technology Corp H8S/2111B Datasheet HTML 417Page - Renesas Technology Corp H8S/2111B Datasheet HTML 418Page - Renesas Technology Corp H8S/2111B Datasheet HTML 419Page - Renesas Technology Corp H8S/2111B Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 582 page
background image
Rev. 1.00, 05/04, page 382 of 544
I/O Address
Bits 15 to 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Register Selection
0000 0000 0110
0
1
0
0
I/O read
STR1 read
0000 0000 0110
0
1
1
0
I/O read
STR2 read
• STR1
R/W
Bit
Bit Name
Initial
Value Slave Host Description
7
6
5
4
DBU17
DBU16
DBU15
DBU14
0
0
0
0
R/W
R/W
R/W
R/W
R
R
R
R
Defined by User
The user can use these bits as necessary.
3
C/
D1
0
R
R
Command/Data
When the host processor writes to an IDR register, bit 2
of the I/O address is written into this bit to indicate
whether IDR contains data or a command.
0: Contents of data register (IDR) are data
1: Contents of data register (IDR) are a command
2
DBU12
0
R/W
R
Defined by User
The user can use this bit as necessary.
1
IBF1
0
R
R
Input Buffer Full
Set to 1 when the host processor writes to IDR. This bit
is an internal interrupt source to the slave processor
(this LSI). IBF is cleared to 0 when the slave processor
reads IDR.
The IBF1 flag setting and clearing conditions are
different when the fast A20 gate is used. For details see
table 15.3.
0: [Clearing condition]
When the slave processor reads IDR
1: [Setting condition]
When the host processor writes to IDR using I/O
write cycle
0
OBF1
0
R/(W)* R
Output Buffer Full
Set to 1 when the slave processor (this LSI) writes to
ODR. Cleared to 0 when the host processor reads
ODR.
0: [Clearing condition]
When the host processor reads ODR using I/O read
cycle, or the slave processor writes 0 to the OBF bit
1: [Setting condition]
When the slave processor writes to ODR
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com